Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2292 Datasheet(PDF) 2 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2292
Description  Infrared Sensor Signal Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2292 Datasheet(HTML) 2 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2292 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©Titan Micro Electronics
www.titanmec.com
Ver1.1
2
红外传感信号处理器
TM2292
管脚功能
端口
I/O
功能描述
名称
管脚
UOUT1
1
O
第一级运放的输出端
IP1
2
I
第一级运放的同相输入端,接热释电接收头的S端
IN1
3
I
第一级运放的反相输入端
VREF
4
O
参考电压,可直接驱动PIR
GND
5
-
电源负端,一般接0V
TB
6
I
系统时钟脚,外接RC振荡电路产生系统时钟
NC
7
-
空脚
TCI
8
I
定时时钟脚,外接RC振荡电路,决定系统触发后RELAY和TRIAC能维持
ACTIVE的时间,如果在维持时间内再次被触发则会重新计时
CDS
9
I
CDS检测脚,检测为低电平时芯片不会触发,可外接光敏电阻到GND,
白天抑制输出
TRIAC
10
O
TRIAC输出脚,系统触发后且ZCD脚检测到过零信号.此脚会拉低可驱动
可控硅
RELAY
11
O
RELAY输出脚,系统触发后此脚会拉高可驱动继电器
ZCD
12
I
过零检测脚,用来检测交流信号的过零点
VDD
13
-
电源正端,工作电压4V~5.5V
IN2
14
I
第二级运放的反相输入端
IP2
15
I
第二级运放的同相输入端
UOUT2
16
O
第二级运放的输出端



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com