Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R06RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3R06RL
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06RL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3R06RL Datasheet HTML 1Page - STMicroelectronics STTH3R06RL Datasheet HTML 2Page - STMicroelectronics STTH3R06RL Datasheet HTML 3Page - STMicroelectronics STTH3R06RL Datasheet HTML 4Page - STMicroelectronics STTH3R06RL Datasheet HTML 5Page - STMicroelectronics STTH3R06RL Datasheet HTML 6Page - STMicroelectronics STTH3R06RL Datasheet HTML 7Page - STMicroelectronics STTH3R06RL Datasheet HTML 8Page - STMicroelectronics STTH3R06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
Table 1: Main Product Characteristics
IF(AV)
3 A
VRRM
600 V
IR (max)
100 µA
Tj
175°C
VF (typ)
1.0 V
trr (typ)
35 ns
STTH3R06
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
SMB
STTH3R06U
SMC
STTH3R06S
DO-201AD
STTH3R06
K
A
September 2004
REV. 2
FEATURES AND BENEFITS
Ultrafast switching
Low forward voltage drop
Low thermal resistance
Low leakage current (platinium doping)
DESCRIPTION
The STTH3R06, which is using ST Turbo 2 600V
technology, is specially suited for use in switching
power supplies, inverters and as a free wheeling
diode.
Table 2: Order Codes
Part Number
Marking
STTH3R06
STTH3R06
STTH3R06RL
STTH3R06
STTH3R06U
R06U
STTH3R06S
R6S


Similar Part No. - STTH3R06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
316Kb / 10P
Automotive 3 A - 600 V turbo 2 ultrafast rectifier
11-Apr-2022
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y_V01 Datasheet
316Kb / 10P
Automotive 3 A - 600 V turbo 2 ultrafast rectifier
11-Apr-2022
STTH3R06UFY STMICROELECTRONICS-STTH3R06UFY Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06UFY STMICROELECTRONICS-STTH3R06UFY Datasheet
316Kb / 10P
Automotive 3 A - 600 V turbo 2 ultrafast rectifier
11-Apr-2022
More results

Similar Description - STTH3R06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com