Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3R06S Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH3R06S
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06S Datasheet(HTML) 8 Page - STMicroelectronics

  STTH3R06S Datasheet HTML 1Page - STMicroelectronics STTH3R06S Datasheet HTML 2Page - STMicroelectronics STTH3R06S Datasheet HTML 3Page - STMicroelectronics STTH3R06S Datasheet HTML 4Page - STMicroelectronics STTH3R06S Datasheet HTML 5Page - STMicroelectronics STTH3R06S Datasheet HTML 6Page - STMicroelectronics STTH3R06S Datasheet HTML 7Page - STMicroelectronics STTH3R06S Datasheet HTML 8Page - STMicroelectronics STTH3R06S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STTH3R06
8/9
Figure 19: DO-201AD Package Mechanical Data
BA
E
E
ØD
ØD
ØC
B
note 2
note 1
note 1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A9.50
0.374
B
25.40
1.000
C5.30
0.209
D1.30
0.051
E
1.25
0.049
NOTES
1 - The lead diameter ø D is not controlled over zone E
2 - The minimum axial length within which the device
may be placed with its leads bent at right angles is
0.59"(15 mm)
Table 7: Ordering Information
Epoxy meets UL94, V0
Band indicated cathode (DO-201AD)
Bending method: see application note AN1471 (DO-201AD)
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STTH3R06
STTH3R06
DO-201AD
1.12 g
600
Ammopack
STTH3R06-RL
STTH3R06
DO-201AD
1.12 g
1900
Tape & reel
STTH3R06U
3R6U
SMB
0.11 g
2500
Tape & reel
STTH3R06S
R6S
SMC
0.243 g
2500
Tape & reel
Table 8: Revision History
Date
Revision
Description of Changes
March-2003
1
First issue
07-Sep-2004
2
SMB and SMC packages added



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com