Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1550SP Datasheet(PDF) 4 Page - PFC Device Inc.

Part # P1550SP
Description  15A 50V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P1550SP Datasheet(HTML) 4 Page - PFC Device Inc.

  P1550SP Datasheet HTML 1Page - PFC Device Inc. P1550SP Datasheet HTML 2Page - PFC Device Inc. P1550SP Datasheet HTML 3Page - PFC Device Inc. P1550SP Datasheet HTML 4Page - PFC Device Inc. P1550SP Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Characteristics
Version 4.2
4 / 5
www.pfc-device.com
P1550SP
P1550
YM
AS
3. Marking information
Top Marking Rule
P1550 = Product Type Marking Code
YM = Date Code
Y = Last one digits of year
M = Month code
A = Assembly Code
S = Series Number
4. Package information
Suggested Package Outline Dimensions
millimeters
Mounting pad Outline Dimensions millimeters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com