Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1069007 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 1069007
Description  Edge QAM Gain Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

1069007 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  1069007 Datasheet HTML 1Page - TriQuint Semiconductor 1069007 Datasheet HTML 2Page - TriQuint Semiconductor 1069007 Datasheet HTML 3Page - TriQuint Semiconductor 1069007 Datasheet HTML 4Page - TriQuint Semiconductor 1069007 Datasheet HTML 5Page - TriQuint Semiconductor 1069007 Datasheet HTML 6Page - TriQuint Semiconductor 1069007 Datasheet HTML 7Page - TriQuint Semiconductor 1069007 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 4 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
C3
C4
R2
R1
C1
C2
L6
C7
C6
L3
C10
U1
L5
L4
T2
T1
J1
J2
R3
Bill of Material − TAT7472A1F-EB
Reference Des.
Value Description
Manuf.
Part Number
U1
n/a
75 Ω Dual pHEMT Amplifier
Qorvo
TAT7472A1F
L3
5.6 nH
Chip Coil, 0402, 5%
COILCRAFT
0402CS-5N6XJL
L4, L5
680 nH
Chip Coil, 0805, 5%
COILCRAFT
0805CS-681XRB
L6
4.7 nH
Chip Coil, 0402, 5%
COILCRAFT
0402CS-4N7XJL
T1, T2
1:1
75 Ω Balun, 5 – 1200 MHz
MiniRF
RFXF5793
C1
– C8, C10
0.01 uF
Ceramic Cap, 0603, 50 V, X7R, 10%
MURATA
GRM188R71H103KA01D
C9
0.7 pF
Ceramic Cap, 0402, 25 V, NPO, ±0.05 pF
AVX
04023J0R5BBSTR
C11, C12
1.5 pF
Ceramic Cap, 0402, 25 V, NPO, ±0.05 pF
AVX
04023J1R5ABSTR
C13
0.7 pF
Ceramic Cap, 0603, 50 V, NPO, ±0.05 pF
AVX
06035J0R7ABSTR
C14, C15
0.5 pF
Ceramic Cap, 0402, 50 V, NPO, ±0.05 pF
AVX
04025A0R5BAT2A
R1, R2
470 Ω
Thick Film Res, 0402, 1/16W, 1%
ROHM
MCR01MZPF4700
R3
220 Ω
Thick Film Res, 0201, 1/16W, 1%
PANASONIC
ERJ-1GEF221C
J1, J1
75 Ω
Female edge mount connector
Amphenol
531-40039
Heatsink
block
Heatsink for F, connector
Qorvo
1069007
PCB
Rev 2
TAT7472A1F RF EVB
Qorvo
1116650
R41, R51
N/L
Do Not Load
N/A
N/A
Notes:
1. R3 & R4 allow IDD bias trimming, a lower resistance will reduce IDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com