Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM5303 Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5303
Description  5V/12V Synchronous Buck PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5303 Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5303 Datasheet HTML 1Page - Excelliance MOS Corp. EM5303 Datasheet HTML 2Page - Excelliance MOS Corp. EM5303 Datasheet HTML 3Page - Excelliance MOS Corp. EM5303 Datasheet HTML 4Page - Excelliance MOS Corp. EM5303 Datasheet HTML 5Page - Excelliance MOS Corp. EM5303 Datasheet HTML 6Page - Excelliance MOS Corp. EM5303 Datasheet HTML 7Page - Excelliance MOS Corp. EM5303 Datasheet HTML 8Page - Excelliance MOS Corp. EM5303 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2012/10/16
Rev.A.7
3
EM5303/A
Function Block Diagram
5
UGATE
0.3V
E
BOOT
VCC
Soft Start
+
-
-
FB
EA
Reference
Enable
Ramp
Gate
control
logic
PWM
PHASE
LGATE
G D
VCC
POR
Internal
regulator
VOCP
Oscillator
1
2
8
4
3
6
7
VCC
17V
FB
65% Vref
OTP
FB
130% Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com