Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPRH0705 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH0705
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH0705 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH0705 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH0705 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH0705 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
REV.1801
TPRH0705 TYPE
●FEATURE
1.
Low core loss for high frequency power application
2.
Large terminal surface
●Applications
1.
Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=7.30±0.20m/m ; B=7.30±0.20m/m ; C=5.60m/m MAX
●Specification
Part Number
L(uH)
DCR(Ω Max)
Rated Current(A)
(Max)
TPRH0705-1R0N
1.0±30%
0.0110
7.60
TPRH0705-2R2N
2.2±30%
0.0190
6.60
TPRH0705-3R3N
3.3±30%
0.0218
5.80
TPRH0705-4R7N
4.7±30%
0.0245
5.20
TPRH0705-6R8N
6.8±30%
0.0368
4.70
TPRH0705-100M
10±20%
0.0455
4.10
TPRH0705-150M
15±20%
0.0684
3.10
TPRH0705-220M
22±20%
0.0883
2.70
TPRH0705-330M
33±20%
0.1205
1.90
TPRH0705-470M
47±20%
0.1657
1.70
TPRH0705-680M
68±20%
0.2625
1.50
TPRH0705-101M
100±20%
0.3605
1.20
TPRH0705-151M
150±20%
0.5820
0.90
TPRH0705-221M
220±20%
0.7540
0.70
TPRH0705-331M
330±20%
1.1440
0.65
TPRH0705-471M
470±20%
1.8040
0.60
TPRH0705-102M
1000±20%
4.3000
0.30
2.10REF
2.60REF


Similar Part No. - TPRH0705

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH0703 FENGJUI-TPRH0703 Datasheet
163Kb / 4P
SMD POWER INDUCTOR-RoHS
TPRH0704 FENGJUI-TPRH0704 Datasheet
163Kb / 4P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH0705

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com