Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N60 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 2N60
Description  N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

2N60 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  2N60 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N60
Power MOSFET
www.artschip.com
1
2 Amps, 600 Volts
N-CHANNEL MOSFET
Description
The 2N60 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 3.8Ω@VGS = 10V.
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (Crss = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
Pb-free plating product number: 2N60L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N60-TA3-T
2N60L-TA3-T
TO-220
G
D
S
Tube
2N60-TF3-T
2N60L-TF3-T
TO-220F
G
D
S
Tube
2N60-TM3-T
2N60L-TM3-T
TO-251
G
D
S
Tube
2N60-TN3-R
2N60L-TM3-T
TO-252
G
D
S
Tape Reel
2N60-TN3-T
2N60L-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
TN 3: TO-252
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
2 Amps, 600 Volts N-CHANNEL MOSFET
logo
Estek Electronics Co. L...
2N60 ESTEK-2N60 Datasheet
573Kb / 5P
N2 Amps竊?00Volts N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60 Datasheet
245Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
2N60 NELLSEMI-2N60 Datasheet
391Kb / 8P
N-Channel Power MOSFET
More results

Similar Description - 2N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com