Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2CC910 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2CC910
Description  1:10 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2CC910 Datasheet HTML 1Page - Cypress Semiconductor CY2CC910 Datasheet HTML 2Page - Cypress Semiconductor CY2CC910 Datasheet HTML 3Page - Cypress Semiconductor CY2CC910 Datasheet HTML 4Page - Cypress Semiconductor CY2CC910 Datasheet HTML 5Page - Cypress Semiconductor CY2CC910 Datasheet HTML 6Page - Cypress Semiconductor CY2CC910 Datasheet HTML 7Page - Cypress Semiconductor CY2CC910 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *A
Page 5 of 8
Parameter Measurement Information: VDD@3.3V–2.5V
Parameter Measurement Information: VDD@1.8V
Notes:
3.
CL includes probe and jig capacitance.
4.
All input pulses are supplied by generators having the following characteristics: PRR < 100 MHz, Z0 = 50Ω, tR < 2.5 nS, tF < 2.5 nS.
5.
The outputs are measured one at a time with one transition per measurement.
6.
TPLH and TPHL are the same as tpd.
AC Switching Characteristics @ 1.8V VDD = 1.8V ±5%, Temperature = –40°C to +85°C
Parameter
Description
Min. Typ. Max. Unit
tPLH
Propagation Delay – Low to High
See Figure 7
1.5
2.7
3.5
nS
tPHL
Propagation Delay – High to Low
1.5
2.7
3.5
nS
tR
Output Rise Time 20 – 80%
0.2
1.5
nS
tF
Output Fall Time 20 – 80%
0.2
1.5
nS
tSK(0)
Output Skew: Skew between outputs of the same package (in phase). See Figure 10
0.2
nS
tSK(p)
Pulse Skew: Skew between opposite transitions of the same output (tPHL
– tPLH).
See Figure 9
0.2
nS
tSK(t)
Package Skew: Skew between outputs of different packages at the same
power supply voltage, temperature and package type.
See Figure 11
0.4
nS
From Output
Under Test
C
L = 50 pF
500 ohm
Figure 2. Load Circuit [3,4,5]
VDD/2
t
PLH
t
PHL
V
OH
V
OL
0 V
Input
Output
VDD/2
VDD/2
VDD/2
0.8VDD
Figure 3. Voltage Waveforms Propagation Delay Times[6]
From Output
Under Test
C
L = 3 pF
500 ohm
Figure 4. Point to Point Load Circuit[3,4,5]
0 V
Input
t
w(20-80)
0.8VDD
0 V
VDD/2
Input
t
w(50-50)
VDD/2
VDD/2
0.8VDD
Figure 5. Voltage Waveforms–Pulse Duration[4]
From Output
Under Test
C
L = 6 pF
500 ohm
Figure 6. Load Circuit [3,4,5]
0.9V
t
PLH
t
PHL
1.8V
V
OH
V
OL
0 V
Input
Output
0.9V
0.9V
0.9V
Figure 7. Voltage Waveforms Propagation
Delay Times[6]
0 V
Input
t
w(20-80)
1.8V
0 V
0.9V
Input
t
w(50-50)
0.9V
0.9V
1.8V
Figure 8. Voltage Waveforms–Pulse Duration[4]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com