Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4953 Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # APM4953
Description  Dual P-Channel Enhancement Mode Mosfet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

APM4953 Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  APM4953 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APM4953
Dual P-Channel Enhancement Mode Mosfet
www.artschip.com
6
Classification Reflow Profiles
Convection or IR/Convection
VPR
Average ramp-up rate (183℃ to Peak)
3℃/second max.
10℃/second max.
Preheat temperature 125 ±25℃
120 seconds max
Temperature maintained above 183℃
60-150 seconds
Time within 5℃ of actual peak temperature
10-20 seconds
60 seconds
Peak temperature range
220 +5/-0℃ or 235 +5/-0℃
215-219℃ or 235 +5/-0℃
Ramp-down rate
6℃/second max.
10℃/second max.
Time 25℃ to peak temperature
6 minutes max.
Package Reflow Conditions
Pkg. thickness ≥2.5mm
And all bgas
Pkg. thickness <2.5mm and pkg.
volume ≥350mm
3
Pkg. thickness < 2.5mm and pkg.
Volume <350mm
3
Convection 220 +5/-0 ℃
Convection 235 +5/-0 ℃
VPR 215-219℃
VPR 235 +5/-0℃
IR/Convection 220 +5/-0℃
IR/Convection 235 +5/-0℃
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245℃, 5 SEC
HOLT
MIL-STD 883D-1005.7
1000 Hrs Bias @ 125℃
PCT
JESD-22-B, A102
168 Hrs, 100% RH,121℃
TST
MIL-STD 883D-1011.9
-65℃ ~ 150℃, 200 Cycles
Carrier Tape & Reel Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com