Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BAV70
Description  Dual Switching Diode Common Cathode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BAV70 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BAV70 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV70 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV70 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
WWW.ARTSCHIP.COM
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(I(BR) = 100 mA)
V(BR)
70
V
Reverse Voltage Leakage Current (Note 3)
(VR = 25 V, TJ = 150C)
(VR = 70 V)
(VR = 70 V, TJ = 150C)
IR
60
2.5
100
mA
Diode Capacitance
(VR = 0 V, f = 1.0 MHz)
CD
1.5
pF
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
855
1000
1250
mV
Reverse Recovery Time
RL = 100 W
(IF = IR = 10 mA, IR(REC) = 1.0 mA) (Figure 1)
trr
6.0
ns
3. For each individual diode while second diode is unbiased.
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
BAV70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com