Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2222CSQG Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM2222CSQG
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2222CSQG Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM2222CSQG Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2222CSQG Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.sinopowersemi.com
4
SM2222CSQG
®
Copyright ã Sinopower Semiconductor Inc.
Rev. A.2 - January, 2019
P Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
P Channel
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage VGS=0V, IDS=-250μA
-20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-16V, VGS=0V
-
-
-1
mA
TJ=85°C
-
-
-30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250mA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±10V, VDS=0V
-
-
±10
mA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-2.5A
-
65
85
m
W
VGS=-2.5V, IDS=-2A
-
90
120
VGS=-1.8V, IDS=-1A
-
130
210
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.8
-1.2
V
trr
Reverse Recovery Time
ISD=-2.5A, dlSD/dt=100A/ms
-
22
-
ns
Qrr
Reverse Recovery Charge
-
6
-
nC
Dynamic Characteristics
e
Rg
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
10.8
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=-10V,
Frequency=1.0MHz
-
365
-
pF
Coss
Output Capacitance
-
75
-
Crss
Reverse Transfer Capacitance
-
60
-
td(ON)
Turn-on Delay Time
VDD=-10V, RL=10W,
IDS=-1A, VGEN=-4.5V,
RG=6W
-
6
-
ns
tr
Turn-on Rise Time
-
14.4
-
td(OFF)
Turn-off Delay Time
-
26
-
tf
Turn-off Fall Time
-
24
-
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=-10V, VGS=-4.5V,
IDS=-2.5A
-
4.6
-
nC
Qgs
Gate-Source Charge
-
0.5
-
Qgd
Gate-Drain Charge
-
1.9
-
Note d:Pulse test; pulse width
£300
ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com