Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1244 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1244
Description  NV SRAM with Phantom Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1244 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1244 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1244 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1244/DS1244P
256k NV SRAM
with Phantom Clock
www.artschip.com
2
ORDERING INFORMATION
PART
PIN-PACKAGE
TEMP RANGE
TOP MARK
DS1244Y-70
28-Module (740 mil)
0
℃ to +70℃
DS1244Y-70
DS1244YP-70
34-PowerCap*
0
℃ to +70℃
DS1244YP-70
DS1244W-120
28-Module (740mil)
0
℃ to +70℃
DS1244W-120
DS1244W-120IND
28-Module (740mil)
-40
℃ to +85℃
DS1244W-120IND
DS1244WP-120
34-PowerCap*
0
℃ to +70℃
DS1244WP-120
DS1244WP-120IND
34-PowerCap*
-40
℃ to +85℃
DS1244WP-120IND
*DS9034PCX (PowerCap) Required. (Must be ordered separately.)
DESCRIPTION
The DS1244 256k NV SRAM with a Phantom clock is a fully static nonvolatile RAM (NV SRAM) (organized as 32k words by 8 bits)
with a built-in real-time clock. The DS1244 has a self-contained lithium energy source and control circuitry, which constantly
monitors Vcc for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched
on and write protection is unconditionally enabled to prevent garbled data in both the memory and real-time clock.
The phantom clock provides timekeeping information for hundredths of seconds, seconds, minutes, hours, days, date, months,
and years. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including correction for
leap years. The phantom clock operates in either 24-hour or 12-hour format with an AM/PM indicator.
PACKAGES
The DS1244 is available in two packages: 28-pin DIP and 34-pin PowerCap module. The 28-pin DIP style module integrates the
crystal, lithium energy source, and silicon all in one package. The 34-pin PowerCap module board is designed with contacts for
connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the PowerCap to be
mounted on top of the DS1244P after the completion of the surface mount process. Mounting the PowerCap after the surface
mount process prevents damage to the crystal and battery due to the high temperatures required for solder reflow. The PowerCap
is keyed to prevent reverse insertion. The PowerCap module board and PowerCap are ordered separately and shipped in
separate containers. The part number for the PowerCap is DS9034PCX.
RAM READ MODE
The DS1244 executes a read cycle whenever
(write enable) is inactive (high) and
(chip enable) is active (low). The
unique address specified by the 15 address inputs (A0-A14) defines which of the 32,768 bytes of data is to be accessed. Valid
data is available to the eight data-output drivers within tACC (access time) after the last address input signal is stable, providing that
and
(output enable) access times and states are also satisfied. If
and
access times are not satisfied, then data
access must be measured from the later occurring signal (
or
) and the limiting parameter is either tCO for
or tOE for
, rather than address access.
RAM WRITE MODE
The DS1244 is in the write mode whenever the
and
signals are in the active (low) state after address inputs are stable.
The latter occurring falling edge of
or
will determine the start of the write cycle. The write cycle is terminated by the
earlier rising edge of
or
. All address inputs must be kept valid throughout the write cycle.
must return to the high
state for a minimum recovery time (tWR) before another cycle can be initiated. The
control signal should be kept inactive (high)
during write cycles to avoid bus contention. However, if the output bus has been enabled (
and
active) then
will
disable the outputs in tODW from its falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com