Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1307Z Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1307Z
Description  I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1307Z Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1307Z Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS1307
64 x 8, Serial, I
2C Real-Time Clock
www.artschip.com
1
GENERAL DESCRIPTION
The DS1307 serial real-time clock (RTC) is a low-power, full binary-coded decimal (BCD) clock/calendar plus 56 bytes of NV
SRAM. Address and data are transferred serially through an I
2
C *, bidirectional bus. The clock/calendar provides seconds,
minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator.
The DS1307 has a built-in power-sense circuit that detects power failures and automatically switches to the battery supply.
FEATURES
Real-Time Clock (RTC) Counts Seconds, Minutes, Hours, Date of the Month, Month, Day of the week, and Year with Leap-Year
Compensation Valid Up to 2100
56-Byte, Battery-Backed, Nonvolatile (NV) RAM for Data Storage
I
2C Serial Interface
Programmable Square-Wave Output Signal
Automatic Power-Fail Detect and Switch Circuitry
Consumes Less than 500nA in Battery Backup Mode with Oscillator Running
Optional Industrial Temperature Range: -40
℃ to +85℃
Available in 8-Pin Plastic DIP or SO
Underwriters Laboratory (UL) Recognized
Typical operating circuit and Pin Configurations appear at end of data sheet.
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE(V)
PIN-PACKAGE
TOP MARK*
DS1307
0
℃ to +70℃
5.0
8 PDIP (300 mils)
DS1307
DS1307+
0
℃ to +70℃
5.0
8 PDIP (300 mils)
DS1307
DS1307N
-40
℃ to +85℃
5.0
8 PDIP (300 mils)
DS1307
DS1307Z
0
℃ to +70℃
5.0
8 SO (150 mils)
DS1307
DS1307Z+
0
℃ to +70℃
5.0
8 SO (150 mils)
DS1307
DS1307ZN
-40
℃ to +85℃
5.0
8 SO (150 mils)
DS1307N
DS1307ZN+
-40
℃ to +85℃
5.0
8 SO (150 mils)
DS1307N
DS1307Z/T&R
0
℃ to +70℃
5.0
8 SO (150 mils) Tape and Reel
DS1307
DS1307Z+T&R
0
℃ to +70℃
5.0
8 SO (150 mils) Tape and Reel
DS1307
DS1307ZN/T&R
-40
℃ to +85℃
5.0
8 SO (150 mils) Tape and Reel
DS1307N
DS1307ZN+T&R
-40
℃ to +85℃
5.0
8 SO (150 mils) Tape and Reel
DS1307N
+Denotes a lead-free/RoHS-compliant device.
*A “+” anywhere on the top mark indicates a lead-free device. An “N” on the lower left corner of the top mark indicates an industrial
temperature grade device.
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground…………………………………………………-0.5V to +7.0V
Operating Temperature Range (Noncondensing )
Commercial…………………………………………………………………………………………. ..0
℃ to +70℃
Industrial…………………………………………………………………………………………….. .-40
℃ to +85℃
Storage Temperature Range……………………………………………………………………………-55
℃ to +125℃
Soldering Temperature (DIP, leads)…………………………………………………………………..+260
℃ for 10 seconds
Soldering Temperature (surface mount)…………………………………………See JPC/JEDEC Standard J-STD-020A


Similar Part No. - DS1307Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307Z DALLAS-DS1307Z Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1307Z DALLAS-DS1307Z Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307Z MAXIM-DS1307Z Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
logo
Tiger Electronic Co.,Lt...
DS1307Z TGS-DS1307Z Datasheet
178Kb / 11P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307Z+ MAXIM-DS1307Z+ Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
More results

Similar Description - DS1307Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
I2C Serial Real-Time Clock
Rev 4/11
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
I2C Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com