Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1643 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1643
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1643 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1643 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1643 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1643/DS1643P
Nonvolatile Timekeeping RAM
www.artschip.com
2
DESCRIPTION
The DS1643 is a 8K x 8 nonvolatile static RAM with a full function Real Time Clock (RTC) which are both accessible in a
byte-wide format. The nonvolatile timekeeping RAM is functionally equivalent to any JEDEC standard 8K x 8 SRAM. The device
can also be easily substituted in ROM, EPROM and EEPROM sockets providing read/write nonvolatility and the addition of the
real time clock function. The real time clock information resides in the eight uppermost RAM locations. The RTC registers contain
year, month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for the day of the month and leap
year are made automatically. The RTC clock registers are double-buffered to avoid access of incorrect data that can occur during
clock update cycles. The double-buffered system also prevents time loss as the timekeeping countdown continues unabated by
access to time register data. The DS1643 also contains its own power-fail circuitry which deselects the device when the Vcc
supply is in an out of tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by
low Vcc as errant access and update cycles are avoided.
PACKAGES
The DS1643 is available in two packages: 28-pin DIP module and 34-pin PowerCap module. The 28-pin DIP style module
integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin PowerCap Module Board is designed with
contacts for connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the
PowerCap to be mounted on top of the DS1643P after the completion of the surface mount process. Mounting the PowerCap after
the surface mount process prevents damage to the crystal and battery due to high temperatures required for solder reflow. The
PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap are ordered separately and
shipped in separate containers. The part number for the PowerCap is DS9034PCX.
CLOCK OPERATIONS-READING THE CLOCK
While the double-buffered register structure reduces the chance of reading incorrect data, internal updates to the DS1643 clock
registers should be halted before clock data is read to prevent reading of data in transition. However, halting the internal clock
register updating process does not affect clock accuracy. Updating is halted when a one is written into the read bit, the seventh
most significant bit in the control register. As long as a 1 remains in that position, updating is halted. After a halt is issued, the
registers reflect the count, that is day, date, and time that was current at the moment the halt command was issued. However, the
internal clock registers of the double-buffered system continue to update so that the clock accuracy is not affected by the access
of data. All of the DS1643 registers are updated simultaneously after the clock status is reset. Updating is within a second after the
read bit is written to 0.
BLOCK DIAGRAM DS1643 Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com