Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9034PCX Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS9034PCX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1647/DS1647P
Nonvolatile Timekeeping RAM
www.artschip.com
5
Table 2. Register Map-BANK1
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
7FFFF
-
-
-
-
-
-
-
-
Year
00-99
7FFFE
X
X
X
-
-
-
-
-
Month
01-12
7FFFD
X
X
-
-
-
-
-
-
Date
01-31
7FFFC
X
FT
X
X
X
-
-
-
Day
01-07
7FFFB
X
X
-
-
-
-
-
-
Hour
00-23
7FFFA
X
-
-
-
-
-
-
-
Minutes
00-59
7FFF9
-
-
-
-
-
-
-
Seconds
00-59
7FFF8
W
R
X
X
x
X
x
x
Control
A
=STOP BIT
R=READ BIT
FT=FREQUENCY TEST
W=WRITE BIT
X=UNUSED
Note: All indicated “X” bits are not dedicated to any particular function and can be used ad normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1647 is in the read mode whenever
(write enable) is high;
(chip enable) is low. The device architecture allows
ripple-through access to any of the address locations in the NV SRAM. Valid data will be available at the DQ pins within tAA after
the last address input is stable, providing that the
and
access times and states are satisfied. If
and
access
times are not met, valid data will be available at the latter of chip-enable access (tCEA) or at output enable access time (tOEA). The
state of the data input/output pins (DQ) is controlled by
and
. If the outputs are activated before tAA, the data lines are
driven to an intermediate state until tAA. If the address inputs are changed while
and
remain valid, output data will
remain valid for output data hold time (tOH) but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1647 is in the write mode whenever
and
are in their active state. The start of a write is referenced to the latter
occurring high to low transition of
and
. The addresses must be held valid throughout the cycle.
or
must return
inactive for a minimum of tWR prior to the initiation of another read or write cycle. Data in must be valid tDS prior to the end of write
and remain valid for tDH afterward. In a typical application, the
signal will be high during a write cycle. However,
can be
active provided that care is taken with the data bus to avoid bus contention.
If
is low prior to
transitioning low the data
bus can become active with read data defined by the address inputs. A low transition on
will then disable the outputs tWEZ after
goes active.
DATA-RETENTION MODE
When Vcc is within nominal limits (Vcc>4.5V) the DS1647 can be accessed as described above with read or write cycles.
However, when Vcc is below the power-fail point VPF (point at which write protection occurs) the internal clock registers and RAM
are blocked from all access. This is accomplished internally by inhibiting access via the
signal. At this time the power-fail
output signal (
) will be driven active low and will remain active until Vcc returns to nominal levels. When Vcc falls below the
level of the internal battery supply, power input is switched from the Vcc pin to the internal battery and clock activity, RAM, and
clock data are maintained from the battery until Vcc is returned to nominal level.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com