Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9958BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 32Page - Analog Devices AD9958BCPZ Datasheet HTML 33Page - Analog Devices AD9958BCPZ Datasheet HTML 34Page - Analog Devices AD9958BCPZ Datasheet HTML 35Page - Analog Devices AD9958BCPZ Datasheet HTML 36Page - Analog Devices AD9958BCPZ Datasheet HTML 37Page - Analog Devices AD9958BCPZ Datasheet HTML 38Page - Analog Devices AD9958BCPZ Datasheet HTML 39Page - Analog Devices AD9958BCPZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AD9958
Rev. 0 | Page 39 of 40
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
6.25
6.10 SQ
5.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
6.50
REF
SEATING
PLANE
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
0.05 MAX
0.02 NOM
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
Figure 49. 56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
8 mm × 8 mm Body, Very Thin Quad
(CP-56)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9958BCPZ1
–40°C to +85°C
56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-56
AD9958BCPZ-REEL71
–40°C to +85°C
56-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-56
AD9958/PCB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com