| Electronic Components Datasheet Search |
|
AD9958/PCB Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9958/PCB Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 40 page ![]() AD9958 Rev. 0 | Page 25 of 40 FTW0 SINGLE–TONE MODE LINEAR SWEEP MODE ENABLE, NO-DWELL BIT SET FTW1 AA A B BB FOUT TIME PS<2> = 1 PS<2> = 0 PS<2> = 0 PS<2> = 1 PS<2> = 1 PS<2> = 0 Figure 37. FTW0 SINGLE–TONE MODE LINEAR SWEEP MODE AT POINT A: LOAD RISING RAMP RATE REGISTER, APPLY RISING DFTW. AT POINT B: LOAD FALLING RAMP RATE REGISTER, APPLY FALLING DFTW. PS<2> = 1 PS<2> = 0 PS<2> = 0 TIME FTW1 A B FOUT Figure 38. Linear Sweep with the No-Dwell Feature Disabled SWEEP AND PHASE ACCUMULATOR CLEARING FUNCTIONS The AD9958 allows two different clearing functions. The first is a continuous zeroing of the sweep logic and phase accumu- lator (clear and hold). The second is a clear and release or automatic zeroing function. CFR <4> is the automatic clear sweep accumulator bit and CFR <2> is the automatic clear phase accumulator bit. The continuous clear bits are located in CFR, where CFR <3> clears the sweep accumulator and CFR <1> clears the phase accumulator. Continuous Clear Bits The continuous clear bits are static control signals that, when active high, hold the respective accumulator at 0 while the bit is active. When the bit goes low, the respective accumulator is allowed to operate. Clear and Release Bits The auto clear sweep accumulator bit, when set, clears and releases the sweep accumulator upon an I/O update or a change in the profile input pins. The auto clear phase accumulator, when set, clears and releases the phase accumulator upon an I/O update or a change in the profile pins. The automatic clear- ing function is repeated for every subsequent I/O update or change in profile pins until the clear and release bits are reset via the serial port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |