Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5553IPFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 16Page - Texas Instruments ADS5553IPFP Datasheet HTML 17Page - Texas Instruments ADS5553IPFP Datasheet HTML 18Page - Texas Instruments ADS5553IPFP Datasheet HTML 19Page - Texas Instruments ADS5553IPFP Datasheet HTML 20Page - Texas Instruments ADS5553IPFP Datasheet HTML 21Page - Texas Instruments ADS5553IPFP Datasheet HTML 22Page - Texas Instruments ADS5553IPFP Datasheet HTML 23Page - Texas Instruments ADS5553IPFP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
21
OUTPUT INFORMATION
Each of the two ADCs provide 14 data outputs in two’s
complement format (D13 to D0, with D13 being the
MSB and D0 the LSB), a data-ready signal (CLKOUT),
and an out-of-range indicator (OVR) that equals 1 when
the output reaches the full-scale limits.
In addition, output enable control (pins 48 and 52) are
provided to tri-state the outputs. See Table 2 for details.
The output circuitry of the ADS5553 has been designed
to minimize the noise produced by the transients of the
data switching and in particular its coupling to the ADC
analog circuitry. Output D0 senses the load capacitance
and adjusts the drive capability of all the output pins of
the ADC to maintain the same output slew rate
described in the timing diagram of Figure 1, as long as
all outputs (including CLKOUT) have a similar load as
the one at D0. This circuit also reduces the sensitivity
of the output timing versus supply voltage or
temperature. External series resistors with the output
are not necessary.
PowerPAD PACKAGE
The PowerPAD package is a thermally enhanced
standard size IC package designed to eliminate the use
of bulky heatsinks and slugs traditionally used in
thermal packages. This package can be easily mounted
using standard printed circuit board (PCB) assembly
techniques, and can be removed and replaced using
standard repair procedures.
The PowerPAD package is designed so that the
leadframe die pad (or thermal pad) is exposed on the
bottom of the IC. This provides an extremely low
thermal resistance path between the die and the
exterior of the package. The thermal pad on the bottom
of the IC can then be soldered directly to the printed
circuit board (PCB), using the PCB as a heatsink.
Assembly Process
1. Prepare the PCB top-side etch pattern including
etch for the leads as well as the thermal pad as
illustrated in the Mechanical Data section.
2. Place a 5-by-5 array of thermal vias in the thermal
pad area. These holes should be 13 mils in
diameter. The small size prevents wicking of the
solder through the holes.
3. It is recommended to place a small number of 25 mil
diameter holes under the package, but outside the
thermal pad area to provide an additional heat path.
4. Connect all holes (both those inside and outside the
thermal pad area) to an internal copper plane (such
as a ground plane).
5. Do not use the typical web or spoke via connection
pattern when connecting the thermal vias to the
ground plane. The spoke pattern increases the
thermal resistance to the ground plane.
6. The top-side solder mask should leave exposed the
terminals of the package and the thermal pad area.
7. Cover the entire bottom side of the PowerPAD vias
to prevent solder wicking.
8. Apply solder paste to the exposed thermal pad area
and all of the package terminals.
For more detailed information regarding the PowerPAD
package and its thermal properties, see either the
SLMA004B Application Brief PowerPAD Made Easy or
the SLMA002 Technical Brief PowerPAD Thermally
Enhanced Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com