Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5553IPFPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5553IPFPG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5553IPFPG4 Datasheet HTML 1Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 2Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 3Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 4Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 5Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −40°C to TMAX = 85°C, sampling rate = 65 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, −1-dBFS differential input, 3-VPP differential clock, and internal reference, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
Analog Inputs
Differential input range
2.3
VPP
Differential input capacitance
See Figure 28
3.2
pF
Total analog input common-mode current
200(1)
µA
Analog input bandwidth
Source impedance = 50 Ω
750
MHz
Internal Reference Voltages
Reference bottom voltage, VREFM
1.01
V
Reference top voltage, VREFP
2.16
V
Total gain error(2)
±3.5
%FS
Common-mode voltage output, VCM
1.57
V
Dynamic Linearity and Accuracy
No missing codes
Tested
Differential linearity error, DNL
fIN = 46MHz
−0.95
±0.6
1
LSB
Integral linearity error, INL
fIN = 46 MHz
−4
±2.5
4
LSB
Offset error
±4
mV
Offset temperature coefficient
7
µV/°C
Offset matching
±0.7
mV
Gain error(3)
±0.5
%FS
Gain temperature coefficient(3)
0.0015
∆%/°C
Gain matching(3)
±0.1
%FS
Dynamic AC Characteristics
fIN = 10 MHz
74.4
fIN = 46 MHz
74
f
70 MHz
25°C to 85°C
72.4
74
Signal-to-noise ratio, SNR
fIN = 70 MHz
Full temp range
71.4
74
dBFS
Signal to noise ratio, SNR
fIN = 100 MHz
73.5
dBFS
fIN = 150 MHz
72.5
fIN = 225 MHz
71
RMS output noise
Input tied to common-mode
1
LSB
fIN = 10 MHz
85
fIN = 46 MHz
84
f
70 MHz
Room temp
80
84
Spurious-free dynamic range, SFDR
fIN = 70 MHz
Full temp range
78
83
dBc
Spurious free dynamic range, SFDR
fIN = 100 MHz
83
dBc
fIN = 150 MHz
81
fIN = 225 MHz
75
(1) 100-µA per input
(2) Includes error due to references. The total gain error will become smaller (see gain error in the Dynamic Linearity and Accuracy section of this
table) if an external reference is used.
(3) Gain error left assuming ideal references: VREFP − VREFM = 1.15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com