Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5553IPFPRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5553IPFPRG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5553IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 12Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
15
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 65 MSPS, unless otherwise
noted
61
62
63
63
64
64
65
65
66
66
66
67
67
67
68
68
68
68
69
69
69
69
70
70
70
70
71
71
71
72
72
72
73
73
73
74
74
60
62
71
74
75
10
70
80
60
50
40
30
20
50
150
250
fIN − Input Frequency − MHz
100
60
65
70
75
300
SNR − dBFS
200
Figure 26.
63
63
65
65
65
67
67
67
69
69
69
71
71
71
71
71
73
73
73
73
75
75
75
75
77
77
77
77
77
79
79
79
79
81
81
81
83
83
83
83
83
83
83
85
85
85
87
87
87
81
85
85
83
81
83
87
85
85
85
85
85
87
81
85
83
89
59
61
83
85
87
87
87
85
fIN − Input Frequency − MHz
60
65
70
75
80
85
SFDR − dBc
10
70
80
60
50
40
30
20
50
150
250
100
300
200
55
Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com