Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4258 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM RECEIVER IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 9Page - ATMEL Corporation ATR4258 Datasheet HTML 10Page - ATMEL Corporation ATR4258 Datasheet HTML 11Page - ATMEL Corporation ATR4258 Datasheet HTML 12Page - ATMEL Corporation ATR4258 Datasheet HTML 13Page - ATMEL Corporation ATR4258 Datasheet HTML 14Page - ATMEL Corporation ATR4258 Datasheet HTML 15Page - ATMEL Corporation ATR4258 Datasheet HTML 16Page - ATMEL Corporation ATR4258 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
ATR4258
4838A–AUDR–10/04
Integrated FM Band Filter For FM reception a band filter with variable bandwidth is integrated in front of the
demodulator to provide channel selectivity on the 2nd IF. The bandwidth of this filter can
be adjusted by bit 0 to 3 (see Table 18) to be suitable for the present receiving condition.
In WB mode, the bandwidth of the integrated filter is shifted to lower bandwidth values,
while the necessary channel selectivity is achieved by an external ceramic filter.
The center frequency of the integrated FM band filter can be adjusted by means of bit 14
to 17. The field strength after the integrated FM band filter that is available at pin 20
(bit 55 = 1) can be used for this purpose.
FM Demodulator
For weather band reception, the gain of the FM demodulator is increased and can be
adjusted by means of bit 71 and bit 72 in order to increase the output voltage to com-
pensate the low frequency deviation in weather band.
An integrated demodulator fine adjustment allows automatic fine tuning of the demodu-
lator center frequency to the average frequency of the received signal. This feature is
implemented for use in weather band mode and can be activated by setting bit 53 to 0.
Figure 5. FM Demodulator Automatic Fine Tuning
Table 18. Bandwidth of the Integrated Band Filter
IF Bandwidth FM
IF Bandwidth WB
Bit 3
Bit 2
Bit 1
Bit 0
220
195
0
0
0
0
...
...
...
...
...
...
200
160
0
0
1
1
...
...
...
...
...
...
165
120
0
1
1
0
...
...
...
...
...
...
130
80
100
1
...
...
...
...
...
...
80
35
1
1
0
1
70
–
111
0
60
–
111
1
FM Demod
+
AM
AGC
B92
Center freq.
Bit 53
Automatic
frequency
adjustment
MPX (Pin 11)
IFAGCH (Pin 35)
V3P
(Pin 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com