Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB02N60CSB Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB02N60CSB
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB02N60CSB Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB02N60CSB Datasheet HTML 1Page - Excelliance MOS Corp. EMB02N60CSB Datasheet HTML 2Page - Excelliance MOS Corp. EMB02N60CSB Datasheet HTML 3Page - Excelliance MOS Corp. EMB02N60CSB Datasheet HTML 4Page - Excelliance MOS Corp. EMB02N60CSB Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/3/27 
p.4 
EMB02N60CSB
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55°C
1.4
50
All o w a b l e  Pow e r  Di s s i p a t io n
0
10
20
c
0
25
40
30
50
60
150
100
75
125
T  ,C a s e  Te m p e r at u r e (  °C   )
50
Gate Threshold Voltage v.s. Temperature
0
‐50
1.0
2.0
j
‐25
0
25
4.0
3.0
5.0
6.0
150
100
75
125
T ,Junction Temperature(°C )
V   ,Drain‐Source Voltage( V )
Typical Output Characteristics
2
10
0
0
1
30
DS
20
40
10V
4
3
5
Vgs=20V
7.5V
50
60
7V
8V
1
V   ,Gate‐Source Voltage( V )
0
2
1
3
GS
DS
V   = 10V
2
4
5
3
4
5
6
A
Transfer Characteristics
T   = ‐55 °C
25 °C
125 °C
50
0.6
‐50
0.8
1.0
j
‐25
0
25
1.4
1.2
1.6
1.8
150
100
75
125
T ,Junction Temperature(°C )
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com