Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7652 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7652
Description  NTSC/PAL Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7652 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7652 Datasheet HTML 1Page - OKI electronic componets MSM7652 Datasheet HTML 2Page - OKI electronic componets MSM7652 Datasheet HTML 3Page - OKI electronic componets MSM7652 Datasheet HTML 4Page - OKI electronic componets MSM7652 Datasheet HTML 5Page - OKI electronic componets MSM7652 Datasheet HTML 6Page - OKI electronic componets MSM7652 Datasheet HTML 7Page - OKI electronic componets MSM7652 Datasheet HTML 8Page - OKI electronic componets MSM7652 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
¡ Semiconductor
MSM7652
1
¡ Semiconductor
MSM7652
NTSC/PAL Digital Video Encoder
GENERAL DESCRIPTION
The MSM7652 is a digital NTSC/PAL encoder. By inputting digital image data conforming to
ITU Rec. 656 or ITURBT 601, it outputs selected analog composite video signals, analog S video
signals or Y, R-Y, B-Y signals. For the scanning system, interlaced or noninterlaced mode can be
selected.
Since the MSM7652 is provided with pins dedicated to overlay function, text and graphics can
be superimposed on a video signal.
In addition, this encoder has an internal 10-bit DAC. So, when compared with using a conventional
analog encoder, the number of components, the board space, and points of adjustment can
greatly be reduced, thereby realizing a low cost and high-accuracy system.
The MSM7652 provides the optional functions such as Closed Caption Signal Generation
Function.
The host interface provided conforms to Philips's I2C specifications, which reduces
interconnections between this encoder and mounting components.
The internal synchronization signal generator (SSG) allows the MSM7652 to operate in master
mode.
FEATURES
• Video signal system: NTSC/PAL
• Scanning system: interlaced/noninterlaced (NTSC : 262 lines/PAL : 312 lines)
• Input digital level: conforms to ITU-R601 (CCIR601)
• Input-output timing: conforms to ITU Rec. 656 or ITURBT 624-4
• Input signal sampling ratio : Y:Cb:Cr = 4:2:2
• Supported input formats
·
ITU Rec. 656
·
YCbCr 27 MHz format (8-bit input)
·
ITU-R601 13.5 MHz (8-bit (Y) + 8-bit (CbCr) input)
• Output video signals
·
NTSC/PAL composite video signals and S video signals
·
Y, R-Y, B-Y analog signals (selectable)
• Sampling frequency : 27 MHz
• Internal SSG circuit (Can operate as a master in other operation modes than CCIR Rec. 656
mode)
• Internal 3ch 10-bit DAC
• 3-bit title graphics can be displayed
• Color bar function
•I2C-bus host interface function
• 3.3 V single power supply (each I/O pin is 5 V tolerable)
• Closed caption function
• Package
56-pin plastic QFP (QFP56-P-910-0.65-2K)
(Product name: MSM7652GS-2K)
This version: Jun. 1998


Similar Part No. - MSM7652

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
NTSC/PAL Digital Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
More results

Similar Description - MSM7652

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954_06 Datasheet
1Mb / 60P
NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311C MITEL-VP5311C Datasheet
144Kb / 16P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com