Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARD Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SARD
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARD Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SARD Datasheet HTML 1Page - Sanyou Corporation Limited SARD Datasheet HTML 2Page - Sanyou Corporation Limited SARD Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SARD
Typical Applications
Characteristic Curves
●Auto door lock motor control, home appliances, office equipments, anti-thief system, etc.
30
20
10
5
10
20
30 40 50
30
20
10
10
20
30 40 50
40
Lock Mo tor
Res. Load
Contact Voltage(VDC)
120
100
80
60
40
20
0
Load Current 20A
Load Current10A
Load Current 0A
0.8W
0.6W
0.8W
0.6W
0.8W
0.6W
Coil Power
0
10
20
40
Time(Min.)
Endurance Curves
Max. Switching Power
Coil Temp. Rise(at 23℃)
Contact Current(A)
1b
1a
1c
2.5
10.2
4-Ф1.4
2.5
10.2
4-Ф1.4
5-Ф1.4
10.2
2.5
W
(Bottom View)
iring Diagram
PCB Layout(Bottom View)
Outline Dimensions, Wiring Diagram, PCB Layout (Unit:mm)
Unle ss othe rwis e spec ifie d:
If dime nsio n < 1 mm , tole ranc e:±0.2 mm ;
If dime nsio n 1-5 mm , tole ranc e:±0.3 mm ;
If dime nsio n >5 mm , tole ranc e:±0.4 mm ;
Note
:1, Extend ed termin al dimens ion is dimens ion before solder ing .
2, Tolera nce of mounti ng holes: ±0.1mm
Disclaimer:
This datasheet is the customers’reference. All the specification are subject to change without notice.
We could not evaluate all the performance and parameters for every possible application. Thus the users should be in a right position
to choose the suitable product for their own application. If there is any query, please contact Sanyou for technical service.
However it is the users' responsibility to determine which product should be used only.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com