Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARH-DM Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARH-DM
Description  High Power Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARH-DM Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARH-DM Datasheet HTML 1Page - Sanyou Corporation Limited SARH-DM Datasheet HTML 2Page - Sanyou Corporation Limited SARH-DM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SARH
(at
)
20℃
Coiol Data
Nominal
voltage
(VDC)
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Pick
-up
voltage
(Max.)
Drop
-out
voltage
(Min.)
Max.
allowable
voltage
Nominal
operating
power
(W)
P
arallel
resistance
(Ω)
Equivalent
resistance
(Ω)
130% of
nominal
voltage
Ordering Information
Nomenclature
Protective Construction
:S-Flux proofed SH-Sealed type washable
Coil Voltage
(VDC):06,09,12,24,48
Type Designation
:SARH
Number of Poles
:1-1 Pole
Special Parameter
:Nil-Standard type,
Letter or number
-Special requirement
Contact Form:
Coil Power:H
-0.64W/(1.8W), D-1.3W/(1.5W),L-0.8W/(1.0W)
M
-FormA
Accessory Form
:Nil-w/t accessory,R-with resistor ,D-with diode,
DC
-with diode(see wiring diagram)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com