Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARM Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SARM
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARM Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SARM Datasheet HTML 1Page - Sanyou Corporation Limited SARM Datasheet HTML 2Page - Sanyou Corporation Limited SARM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Nominal
operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
SARM-Series
6
133.3
45
SARM
Contact Capacity
100mΩ Max.
5msec. Max.
100MΩ Min.(DC500V)
AC750V,50/60Hz
1Min.
AC1,000V,50/60Hz 1Min.
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+105℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 10,800 ops./h)
(at 900 ops./h)
10~55Hz at double amplitude of 1.5 mm
Contact material
Initial contact resistance (at 6VDC 1A)
Operate time (at nominal volt.)
Release time (at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Characteristic Data
Coil Data (at 20Ω)
8msec. Max.
Model
Nominal switching capacity (res. load)
Max. switching current
Max. switching voltage
Max. switching power
Approx. 8.5 g
130 % of
nominal
voltage
60 % of
nominal
voltage
10 % of
nominal
voltage
Approx.
0.80W
Features
●
●
●
High switching capability:15A.
Microminiature, standard PCB terminal.
Sealed type available.
SANYOU RELAYS
Relays for advanced technology
Mi niature PCB
Automo tive Re lay
version:V1.5
15A
30VDC
210W
15A 14VDC
10G Min.
100G Min.
10,000,000
100,000
9
12
24
88.8
66.7
33.3
101
180
720
10~55Hz at double amplitude of 1.5 mm
Please contact us if your working condition is above 8 5℃


Similar Part No. - SARM

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SAR-0001-GN BIVAR-SAR-0001-GN Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RB BIVAR-SAR-0001-RB Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RD BIVAR-SAR-0001-RD Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RG BIVAR-SAR-0001-RG Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
SAR-0001-RGB BIVAR-SAR-0001-RGB Datasheet
373Kb / 1P
SURFACE AREA LIGHT GUIDE, RECTANGULAR
A
More results

Similar Description - SARM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
Sub-Miniature Automotive PCB Relay
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
Automotive Miniature PCB Power Relay
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8QN OMRON-G8QN Datasheet
550Kb / 8P
Miniature Automotive PCB Relay
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
Sanyou Corporation Limi...
SARA SANYOU-SARA Datasheet
88Kb / 3P
Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
Miniature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
Miniature PCB Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com