Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM64ALS08N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM64ALS08N
Description  Quad 2-Input AND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM64ALS08N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM64ALS08N Datasheet HTML 1Page - National Semiconductor (TI) DM64ALS08N Datasheet HTML 2Page - National Semiconductor (TI) DM64ALS08N Datasheet HTML 3Page - National Semiconductor (TI) DM64ALS08N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM74ALS
0 Cto a70 C
DM64ALS
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Typical iJA
N Package
89 CW
M Package
120 CW
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM64ALS08
DM74ALS08
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
45
5
55
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
8
8
mA
TA
Free Air Operating Temperature
b
40
85
0
70
C
Electrical Characteristics
over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC e 45V II eb18 mA
b
15
V
VOH
High Level Output
IOH eb04 mA
VCC b 2V
Voltage
VCC e 45V to 55V
VOL
Low Level Output
VCC e 45V
IOL e 4 mA
025
04
V
Voltage
IOL e 8 mA
035
05
V
II
Input Current
Max
VCC e 55V VIH e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e 55V VIH e 27V
20
m
A
IIL
Low Level Input Current
VCC e 55V VIL e 04V
b
01
mA
IO
Output Drive Current
VCC e 55V
VO e 225V
b
30
b
112
mA
ICC
Supply Current
VCC e 55V
Outputs High
13
24
mA
Outputs Low
22
4
mA
Switching Characteristics
over recommended operating free air temperature range (Note 1)
Symbol
Parameter
Conditions
DM64ALS08
DM74ALS08
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
VCC e 45V to 55V
4
14
4
14
ns
Low to High Level Output
RL e 500X
tPHL
Propagation Delay Time
CL e 50 pF
3
10
3
10
ns
High to Low Level Output
Note 1
See Section 5 for test waveforms and output load
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com