Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM7N65CTF Datasheet(PDF) 2 Page - PFC Device Inc.

Part # PSM7N65CTF
Description  7.3A 650V Single N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PSM7N65CTF Datasheet(HTML) 2 Page - PFC Device Inc.

  PSM7N65CTF Datasheet HTML 1Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 2Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 3Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 4Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 5Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 6Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 7Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 8Page - PFC Device Inc. PSM7N65CTF Datasheet HTML 9Page - PFC Device Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
Version 4.1
2 / 10
www.pfc-device.com
PSM7N65CTF
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Symbol
Parameter
Rating
Units
VDSS
Drain-Source Voltage
650
V
ID
Drain Current – Continuous (TC=25
℃)
7.3
A
Drain Current – Continuous (TC=100
℃)
4.6
A
ID pulsed
Pulsed Drain Current tp limited by TJ max (Note 1)
21.9
A
EAS
Single Pulse Avalanche Energy (Noted 2)
200
mJ
IAR
Avalanche Current, repetitive tAR limited by TJ max
7.3
A
VGS
Gate-Source Voltage Static
±20
V
VGS
Gate-Source Voltage AC (f>1Hz)
±30
V
Ptot
Power Dissipation
32
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
dv/dt
Peak Diode Recovery
dv/dt (Note 3)
15
V/nS
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
80
℃/W
RθJC
Thermal Resistance Junction to case (Drain)
---
3.3
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com