Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB5342B Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # SMB5342B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SMB5342B Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  SMB5342B Datasheet HTML 1Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 2Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 3Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMB5338B-SMB5388B
www.anova-semi.com
Revision: E
Nov-07-2018
P. 1
VZ: 5.1 to 200 V
PD: 5 W
●
●
●
●
●
●
●
●
●
●
●
●
Junction temperature range
TJ
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C
DC power dissipation at TL = 75 °C
PD
5
W
Maximum forward voltage at IF = 1A
VF
1.2
V
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Lead: Solderable per MIL-STD-202,
method 208 guranteed
Polarity: Color band denotes cathode end
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
For use in stabilizing and clipping circuits
with high power rating
RoHS compliant
Surface Mount
Zener Diodes
Features
SMB/ DO-214AA
Glass passivated chip


Similar Part No. - SMB5342B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMB5342B PACELEADER-SMB5342B Datasheet
458Kb / 3P
SURFACE MOUNT ZENER TYPE
logo
SUNMATE electronic Co.,...
SMB5342B SUNMATE-SMB5342B Datasheet
505Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Dc Components
SMB5342B DCCOM-SMB5342B Datasheet
52Kb / 2P
RECTIFIER SPECIALISTS
logo
Jiangsu High diode Semi...
SMB5342B HDSEMI-SMB5342B Datasheet
1Mb / 5P
SMBK Plastic-Encapsulate Diodes
logo
Anova Technologies CO.,...
SMB5342B ANOVA-SMB5342B Datasheet
244Kb / 4P
Surface Mount Zener Diodes
Nov-07-2018
More results

Similar Description - SMB5342B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com