Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SLA
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLA Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SLA Datasheet HTML 1Page - Sanyou Corporation Limited SLA Datasheet HTML 2Page - Sanyou Corporation Limited SLA Datasheet HTML 3Page - Sanyou Corporation Limited SLA Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
SLA-
Series
UL
C UL File No
E
, -
.: 190598
TUV File No
R
.: 50143450
CQC File No
CQC
.:
02001002109
VDE File No.:40036707
5
6
9
12
15
18
24
48
110
180.00
150.00
100.00
75.00
60.00
50.00
37.50
18.75
8.20
27
40
90
160
250
360
640
2,560
13,400
30
250
A
VAC
30A
250VAC
7,500VA
SLA D
-
20 /10
250
A
A
VAC
20A
250VAC
5,000VA
SLA DB
-
15
250
A
VAC
20A
250VAC
5,000VA
Open type Approx
g
:
.20.0
Sealed type Approx
g
:
. 24.0
50m
. (1
6
)
Max
A VDC
Ω
10
.
.
msec Max
(no diode)
100M
.(
500 )
Min DC
V
Ω
Standard Type AC
V
Hz
:
1,500 ,50/60
1.
min
AC
V
Hz
2,500 ,50/60
1
. (4
)
min
kV available
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+105℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
10,800
./ )
at
ops h
(
360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000 cycles
(at room temperature)
100,000 cycles
(at room temperature)
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(.)
Release time at nominal volt
(.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Charateristic Data
15
.
.
msec Max
(no diode)
130 % of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
0.90W
Features
Safety Approval
●
●
●
●
●:
Miniature relay with high switching capability:30 .
A
Contact
:
,
1
.
form
Form A Form B or
Form C
Special
4000
type of
VAC dielectric strength
6000
and
V surge
voltage (1.2/50 S
between
)
coil and contact (
,
,
DJ DMJ DBJ
u
not include
)
Open type
available.
Sealed type and open type available.
Patent Number
ZL 2008 20050972.1
SANYOU RELAYS
Relays for advanced technology
Miniature High
Power Relay
SLA-DM
Standard type S Mark
/
Coil Power H&S
20
250
A
VAC
20A
250VAC
5,000VA
Mark H
S AC
V
Hz min
&
:
2,000 , 50/60
1
.
version V
: 3.4
Coil Data at
(20 ℃)
AC
V
Hz min open type available
1,500 ,50/60
1
. (
)
1/4
●
●
Satisfy IEC
product is available
60335-1
.
Satisfy IEC
product is available
60079-15
.


Similar Part No. - SLA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SLA MACOM-SLA Datasheet
399Kb / 4P
SLA Series ??Cabinets and Signal/Data/Control Filters
logo
Surge Components
SLA SURGE-SLA Datasheet
485Kb / 1P
rohs compliance
logo
Ningbo songle relay co....
SLA SONGLERELAY-SLA Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sensata Technologies, I...
SLA SENSATA-SLA Datasheet
196Kb / 3P
35 TO 150 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
logo
Automatic Timing & Cont...
SLA ATC-SLA Datasheet
367Kb / 3P
Phase Monitors
More results

Similar Description - SLA

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF68F HONGFA-HF68F Datasheet
63Kb / 3P
MINIATURE HIGH POWER RELAY
HF102F HONGFA-HF102F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF105F-4 HONGFA-HF105F-4 Datasheet
77Kb / 4P
MINIATURE HIGH POWER RELAY
HF115F-Q HONGFA-HF115F-Q Datasheet
65Kb / 3P
MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF116F-3 HONGFA-HF116F-3 Datasheet
81Kb / 4P
MINIATURE HIGH POWER RELAY
HF2160 HONGFA-HF2160 Datasheet
135Kb / 4P
MINIATURE HIGH POWER RELAY
HF118FI HONGFA-HF118FI Datasheet
93Kb / 5P
MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF115FK HONGFA-HF115FK Datasheet
64Kb / 3P
MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com