Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAG Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SLAG
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLAG Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SLAG Datasheet HTML 1Page - Sanyou Corporation Limited SLAG Datasheet HTML 2Page - Sanyou Corporation Limited SLAG Datasheet HTML 3Page - Sanyou Corporation Limited SLAG Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
SLA G
-
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
CQC
UL CUL
/
E190598
CQC02001002109
Approval
File No.
Approved
ratings
2/4
Nomenclature
Ordering Information
SLA - S - 1 12 D
Protective Construction
S Flux proofed
:-
,
M1
-
F
J
Insulation System
Nil Standard B Class B F Class F
:-
,
-
,
-
Contact Material
Nil AgSnO
AgCdO
:-
, 1-
2
Terminal Type
Nil Standard J Without
terminal
:-
, -
6#
Contact Form
Nil Form C M Form A
:-
,
-
Coil Power
D
W
: -0.90
Coil Voltage VDC
(
):05, 06, 09, 12, 15, 18, 24, 48, 110
Number of Poles
Pole
:1-1
-
SH Sealed type washable
Type Designation
SLA
:
SLA
-1
D
-G
J
F
Special Parameter Nil Standard type
:-
,
Letter or number Special resquirement
-
-XX
G High contact load
A Double layer spring
Contact
-
(40 ),
-
,5.0
Parameter sign:
Form A:
30
250
A
VAC
Form C:
20 /10
250
A
A
VAC
Form A:
40
277
,
A
VAC Resistive
30
240
,
/
A
VAC Resistive General Use
15
240
A
VAC
1-1/2
240
;3/4
120
HP
VAC
HP
VAC
TV
VAC
-8 120
30
120
,
/
A
VAC Resistive General Use
Pilot duty
VA
VAC
: 470
, 240
Electronic Ballast
A
VAC
VAC
: 10
277
/120
Form C:
..
NO
NC
..
30
240/120
,
A
VAC Resistive
30
240/120
,
20
240/120
,
A
VAC General Use
A
VAC Resistive
20
240
,
20
240/120
,
A
VAC Resistive
A
VAC General Use
10
240
,
10
240
,
A
VAC Resistive
A
VAC Resistive
1-1/2
240
1/2
240
HP
VAC
HP
VAC
3/4
125/120
1/4
125/120
HP
VAC
HP
VAC
TV
VAC
TV
VAC
-8 120
-3 120
20
240
,
10
240
,
A
VAC General Use
A
VAC General Use
Pilot Duty
VA
VAC
Pilot Duty
VA
VAC
: 470
240
: 275
240
Electronic Ballast
Electronic Ballast
::
10
277
/120
5
277
/120
A
VAC
VAC
A
VAC
VAC
40
277
A
VAC
40
277
A
VAC
40
277
,
A
VAC Resistive
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com