Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SRB
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRB Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SRB Datasheet HTML 1Page - Sanyou Corporation Limited SRB Datasheet HTML 2Page - Sanyou Corporation Limited SRB Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Typical Applications
SRB
Characteristic Curves
90
80
70
60
50
40
30
0
100
125
150
175
3A
0A
70℃
3A
0A
5.0
4.0
3.0
1.0
0.7
0.5
0.3
020 30
50
100 200 300
AC
DC
100
50
30
10
0
12
3
5
4
5
5A
5A
Outline Dimensions Wiring Diagram P C Board Layout unit mm
,, . .
(
:
)
11.5
7
,
Sanyou Corporation Limited All rights of Sanyou to reserved
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com