Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFS10L60 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS10L60
Description  10A 60V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS10L60 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS10L60 Datasheet HTML 1Page - PFC Device Inc. PFS10L60 Datasheet HTML 2Page - PFC Device Inc. PFS10L60 Datasheet HTML 3Page - PFC Device Inc. PFS10L60 Datasheet HTML 4Page - PFC Device Inc. PFS10L60 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10A 60V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS10L60
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
10
A
VRRM
60
V
VF@ 10A , Tj=125
oC
0.51
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS10L60
DO-201AD


Similar Part No. - PFS10L60

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS10L45 PFC-PFS10L45 Datasheet
565Kb / 5P
10A 45V MOS Schottky Rectifier
More results

Similar Description - PFS10L60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
60V, 10A POWER SCHOTTKY RECTIFIER
SDB1060PH-1 KODENSHI-SDB1060PH-1 Datasheet
260Kb / 5P
60V, 10A POWER SCHOTTKY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
P10V60 YFWDIODE-P10V60 Datasheet
319Kb / 4P
10A 60V MOS Schottky Rectifier
logo
Chip Integration Techno...
CSF10L45CT-A CITC-CSF10L45CT-A Datasheet
505Kb / 3P
10A MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST10L60CW TSC-TST10L60CW Datasheet
201Kb / 4P
10A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
P10L60SP PFC-P10L60SP Datasheet
725Kb / 5P
10A 60V MOS Schottky Rectifier
P10V60SP PFC-P10V60SP Datasheet
722Kb / 5P
10A 60V MOS Schottky Rectifier
PFR10L60CT PFC-PFR10L60CT Datasheet
773Kb / 7P
10A 60V MOS Schottky Rectifier
PFR10V60CT PFC-PFR10V60CT Datasheet
773Kb / 7P
10A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP10M60SH TSC-TSUP10M60SH Datasheet
432Kb / 5P
10A, 60V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com