Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD72 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MDD72
Description  Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD72 Datasheet(HTML) 1 Page - IXYS Corporation

  MDD72 Datasheet HTML 1Page - IXYS Corporation MDD72 Datasheet HTML 2Page - IXYS Corporation MDD72 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
I
FRMS
= 2x 180 A
I
FAVM
= 2x 113 A
V
RRM = 800-1800 V
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ = TVJM; VR = VRRM
15
mA
V
F
I
F = 300 A; TVJ = 25°C
1.6
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
2.3
m
W
Q
S
T
VJ = 125°C; IF = 50 A, -di/dt = 3 A/ms
170
mC
I
RM
45
A
R
thJC
per diode; DC current
0.35
K/W
per module
other values
0.175
K/W
R
thJK
per diode; DC current
see Fig. 6/7
0.55
K/W
per module
0.275
K/W
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
V
RSM
V
RRM
Type
VV
900
800
MDD 72-08N1 B
MDA 72-08N1 B
1300
1200
MDD 72-12N1 B
---
1500
1400
MDD 72-14N1 B
MDA 72-14N1 B
1700
1600
MDD 72-16N1 B
MDA 72-16N1 B
1900
1800
MDD 72-18N1 B
---
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
180
A
I
FAVM
T
C = 92°C; 180° sine
113
A
T
C = 100°C; 180° sine
99
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1700
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1950
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1540
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1800
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
14 450
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
15 700
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
11 850
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
13 400
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
Features
q
International standard package
JEDEC TO-240 AA
q
Direct copper bonded Al
2O3 -ceramic
base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
UL registered, E 72873
Applications
q
Supplies for DC power equipment
q
DC supply for PWM inverter
q
Field supply for DC motors
q
Battery DC power supplies
Advantages
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
MDD 72
MDA 72
312
TO-240 AA
1
2
3
Diode Modules
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
312
MDA
MDD


Similar Part No. - MDD72

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD72-08N1B IXYS-MDD72-08N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD72-12N1B IXYS-MDD72-12N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD72-14N1B IXYS-MDD72-14N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD72-16N1B IXYS-MDD72-16N1B Datasheet
408Kb / 6P
Standard Rectifier Module
MDD72-18N1B IXYS-MDD72-18N1B Datasheet
408Kb / 6P
Standard Rectifier Module
More results

Similar Description - MDD72

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com