Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16020 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FST16020
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FST16020 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FST16020_18 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FST16020_18 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FST16020_18 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 160 A
Features
• High Surge Capability
TO-249AB Package
• Types from 20 V to 40V V
RRM
• Isolated to Plate
• Not ESD Sensitive
Parameter
Symbol
FST16020
FST16030
Unit
Repetitive peak reverse voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
FST16020
FST16030
Unit
Average forward current (per
pkg)
IF(AV)
160
160
A
Maximum instantaneous
forward voltage (per leg)
0.75
0.75
1
1
10
10
30
30
Thermal characteristics
Thermal resistance, junction -
case (per leg)
RΘJC
0.50
0.50
°C/W
40
35
-55 to 150
-55 to 150
-55 to 150
FST16040
1
1
FST16035
0.50
Tj = 150 °C
0.50
0.75
0.75
30
mA
V
Tj = 100 °C
30
FST16020 thru FST16040
Tj = 25 °C
IFM = 80 A, Tj = 25 °C
10
10
Conditions
FST16040
35
25
FST16035
-55 to 150
Maximum ratings, at Tj = 25 °C, unless otherwise specified
40
28
VF
Conditions
Silicon Power
Schottky Diode
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
TC = 125 °C
160
160
Peak forward surge current (per
leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Maximum Instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
Inches
Millimeters
Min
Max
Min
Max
A
1.995
2.005
50.67
50.93
B
0.300
0.325
7.62
8.26
C
0.495
0.505
12.57
12.83
D
0.182
0.192
4.62
4.88
E
0.990
1.010
25.15
26.65
F
2.390
2.410
60.71
61.21
G
1.495
1.525
37.90
38.70
H
0.114
0.122
2.90
3.10
J
-----
0.420
-----
10.67
K
0.256
0.275
6.5
7.0
L
0.490
0.510
12.45
12.95
M
0.330
0.350
8.38
8.90
N
0.175
0.195
4.45
4.95
P
0.035
0.045
0.89
1.14
R
0.445
0.455
11.30
11.56
Q
0.890
0.910
22.61
23.11
F
H
P
J
G
C
B
A
L
E
Q
M
R
N
D
K
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/fst16020.pdf


Similar Part No. - FST16020_18

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST160200 GENESIC-FST160200 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
FST160200 GENESIC-FST160200 Datasheet
607Kb / 3P
Silicon Power Schottky Diode
FST16020L GENESIC-FST16020L Datasheet
360Kb / 3P
Schottky Diode
More results

Similar Description - FST16020_18

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
Silicon Power Schottky Diode
FST10045 GENESIC-FST10045 Datasheet
370Kb / 3P
Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
MBR120150CT GENESIC-MBR120150CT Datasheet
508Kb / 3P
Silicon Power Schottky Diode
MBRF30045 GENESIC-MBRF30045 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF40020 GENESIC-MBRF40020 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com