Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7716 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7716
Description  Single Rail Linear CODEC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7716 Datasheet HTML 14Page - OKI electronic componets MSM7716 Datasheet HTML 15Page - OKI electronic componets MSM7716 Datasheet HTML 16Page - OKI electronic componets MSM7716 Datasheet HTML 17Page - OKI electronic componets MSM7716 Datasheet HTML 18Page - OKI electronic componets MSM7716 Datasheet HTML 19Page - OKI electronic componets MSM7716 Datasheet HTML 20Page - OKI electronic componets MSM7716 Datasheet HTML 21Page - OKI electronic componets MSM7716 Datasheet HTML 22Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
¡ Semiconductor
MSM7716
21/22
(Unit : mm)
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
TSOPI32-P-814-0.50-1K
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
0.27 TYP.
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com