Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS345F Datasheet(PDF) 1 Page - PFC Device Inc.

Part # SS345F
Description  3A 45V Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

SS345F Datasheet(HTML) 1 Page - PFC Device Inc.

  SS345F Datasheet HTML 1Page - PFC Device Inc. SS345F Datasheet HTML 2Page - PFC Device Inc. SS345F Datasheet HTML 3Page - PFC Device Inc. SS345F Datasheet HTML 4Page - PFC Device Inc. SS345F Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3A 45V Schottky Rectifier
Dec-2018
Version 4.0
1 / 5
PFC Device Corporation
SS345F
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
3
A
VRRM
45
V
TJ Operating Junction
Temperature
-55 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
125
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
SS345F
SMAF


Similar Part No. - SS345F

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SS345F HDSEMI-SS345F Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SS345F BILIN-SS345F Datasheet
448Kb / 4P
Schottky Barrier Rectifiers
SS345FA BILIN-SS345FA Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS345FL LUGUANG-SS345FL Datasheet
1Mb / 2P
Metal silicon junction, majority carrier conduction
More results

Similar Description - SS345F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSA3U45 TSC-TSSA3U45_15 Datasheet
190Kb / 4P
3A, 45V Trench Schottky Rectifier
TSSE3H45 TSC-TSSE3H45 Datasheet
207Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3U45 TSC-TSSE3U45 Datasheet
208Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
logo
SeCoS Halbleitertechnol...
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
3A, 45V Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSSW3U45 TSC-TSSW3U45 Datasheet
295Kb / 4P
3A, 45V - 60V Trench Schottky Rectifiers
logo
PFC Device Inc.
P3L45BF PFC-P3L45BF Datasheet
683Kb / 5P
3A 45V MOS Schottky Rectifier
P3L45F-A PFC-P3L45F-A Datasheet
659Kb / 5P
3A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U45H TSC-TSSA3U45H Datasheet
362Kb / 5P
3A, 45V Trench Schottky Surface Mount Rectifier
TSS83L45 TSC-TSS83L45 Datasheet
314Kb / 5P
3A, 45V Trench Schottky Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com