Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAD3241 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3241
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3241 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3241 Datasheet HTML 1Page - DISCO Corporation DAD3241 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD3241
2018.12
Specifications
www.disco.co.jp
Specification
Unit
Workpiece size
-
φ8″ (□250 DPR)
X-axis
Cutting range
mm
210
Cutting speed
mm/sec
0.1 ~ 800
Y-axis
Cutting range
mm
210
Index step
mm
0.0001
Index positioning accuracy
mm
0.002/210
(Single error)0.002/5
Z-axis
Max. stroke
mm
32.2
Moving resolution
mm
0.00002
Repeatability accuracy
mm
0.001
θ-axis Max. rotating angle
deg
320
Spindle
Output
kW
1.8
Rated torque
N・m
0.29
Revolution speed range
min-1
6,000~60,000
Machine dimensions(W×D×H)
mm
650 × 950 × 1,670
Machine weight
kg
Approx.550
■ Environmental Conditions
•Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating:
0.01μm/99.5 % or more).
•Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 -
25 ℃).
•Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
•The machines should be used in an environment, free from external vibration. Do not install machine
near a ventilation opening, heat generation equipment or oil mist generating parts.
•This machine uses water. In case of water leakage, please install the machine on the floor with sufficient
waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com