Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1011 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1011 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXCT1011 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXCT1011
Issue 1- July 2005
5
www.zetex.com
© Zetex Semiconductors plc 2005
Pin description
Application information
Design example
The following lines describe how to scale a load current to an output voltage.
Vsense = (Vsense+) - (Vsense-) = Iload x Rsense
Defining then
Iout = Iq + Vsense x gm
since
gm= 1.2 / Rshunt
Iout
= Iq + [ (Vsense x 1.2) / Rshunt ]
= Iq + [ (1.2 x Iload x Rsense / Rshunt) ]
Note: Iq is embedded into the specification of the ZXCT1011 and therefore appears an offset error.
∴V
out = (Rout x Ioffset) + [(1.2 x Rout x Iload x Rsense) / Rshunt]
The output current of the ZXCT1011 is directly related to the size of the trimming resistor used. It
is important to ensure the tolerance of Rshunt is considered. A 1% change in Rshunt will cause a
1% change in output.
Consider the following: -
Pin no.
Pin name
Pin function
1
N/C
No connection
2Iout
Output current - follows transconductance of sense voltage gm = 10mA/V
for Rshunt=120
3Rshunt
Trimming resistor Input. - used to trim gain value 60
Rshunt
240
4Vsense-
Low side current sense input. – connect to load/battery etc. Must be
lower than Vsense+ for correct operation. Cannot be grounded
without additional series resistor.
5Vsense+
High side current sense input. – Connect to supply rail. Must be
higher than Vsense+ for correct operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com