Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB30P03VAT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB30P03VAT
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB30P03VAT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB30P03VAT Datasheet HTML 1Page - Excelliance MOS Corp. EMB30P03VAT Datasheet HTML 2Page - Excelliance MOS Corp. EMB30P03VAT Datasheet HTML 3Page - Excelliance MOS Corp. EMB30P03VAT Datasheet HTML 4Page - Excelliance MOS Corp. EMB30P03VAT Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/5/12 
p.4 
EMB30P03VAT
Normalized on‐Resistance v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
50
1.2
0.6
‐50
0.8
1.0
J
‐25
0
25
D
I   = ‐8A
V     = ‐4.5V
1.4
1.6
1.8
GS
150
100
75
125
Body Diode Forward Voltage Variation
with Source Current and Temperature
T   = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.001
0
0.01
0.1
SD
0.2
0.4
25°C
V    = 0V
1
10
100
GS
A
0.8
1.0
‐55°C
1.2
‐V   ‐ Drain‐Source Voltage( V )
0
0
5
0.5
DS
20
10
15
‐6.0V
‐5.0V
11.5
2
‐8.0V
‐7.0V
V   = ‐10 V
GS
Typical output characteristics
‐4.5V
2.5
T   = 25  C
‐V   ‐ Gate‐Source Voltage( V )
On‐Resistance Variation with Gate‐Source Voltage
0
2
0.03
4
GS
A
0.06
0.09
0.12
6
8
°
10
 I  = ‐6A 
T   = 125  C
A
°
D
Capacitance Characteristics
‐V   ‐ Drain‐Source Voltage( V )
0
0
300
150
450
DS
5
10
1050
750
600
900
1200
25
15
20
Crss
Coss
30
Ciss
V   = 0V
GS
f = 1MHZ
Q   ,Gate Charge( nC )
Gate Charge Characteristics
0
0
2
4
4
g
8
I   = ‐8A
6
8
D
10
20
16
12
‐15V
‐10V
V    = ‐5V
DS
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com