Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFD6340 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6340
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6340 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6340 Datasheet HTML 1Page - DISCO Corporation DFD6340 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Fully Automatic Dicing Saw
DFD6340
DFD6340 Operation flow
[1]
Lower arm moves the workpiece from the cassette to the pre-alignment
stage. Lower arm moves the workpiece to the chuck table
cutting
[2]
Upper arm moves the workpiece to the spinner table
cleaning & drying
[3]
Lower arm returns the workpiece to the cassette
2014.11
Upper arm
Lower arm
Spinner table
Bridge-type frame
structure
Chuck table
Pre-alignment
stage
Cassette
elevator
[1]
[2]
[3]
Process stability - cutting water
flow control
Cutting water flow is controlled by the recipe.
Water flow is consistently maintained, aiding
process stability.
Easy operation
The DFD6340 utilizes an adjustable LCD touch
screen graphical user interface making operation
and maintenance intuitive and easy. The inclusion
of an inspection stage allows for the removal and
checking of wafers after dicing during fully
automatic operation.
Specifications
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating:
0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 -
25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine
near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with
sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
LCD touch screen
Adjustable LCD
Unit
1.2, 1.8 kW
2.2 kW
-
Cutting rangemm
Cutting speed
mm/sec
Cutting rangemm
Index step
mm
Index positioning
accuracy
mm
Max. stroke
mm
19.22
(For φ2″blade)
19.9
(For φ3″blade)
Moving
mm
Repeatability
accuracy
mm
θ-axis
Max. rotating
angle
deg
Rated torque
N・m
0.19(1.2 kW)
0.29(1.8 kW)
0.7
Revolution speed
range
min
-1
6,000 - 60,000
3,000 - 30,000
mm
kg
Z-axis
0.003/210
(Single error)0.002/5
0.00005
Machine weight
Y1・Y2
-axis
Machine
dimensions (W×D×H)
210
0.0001
0.001
Approx.1,600
1,180 × 1,110 × 1,850
380
Specification
φ
8″
X-axis
210
0.1 - 600
Workpiece size
Spindle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com