Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFD6450 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6450
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6450 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6450 Datasheet HTML 1Page - DISCO Corporation DFD6450 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Fully Automatic Dicing Saw
DFD6450
2014.11
Spindle lineup
A range of spindles supports diverse workpieces and
applications.
Standard
1.0 kW air spindle
(uses 2" blades, rated torque: 0.16 N·m).
[Options]
1.0 kW air spindle with higher torque
(uses 2" blades, rated torque: 0.24 N·m)
2.2 kW air spindle
(uses 3" blades, rated torque: 0.7N·m)
Advanced options
A transformer/UPS, a CO
2 injector, and a booster
pump can be installed internally. Yet, due to the
DFD6450's advanced design, the footprint is
similar to that of the DFD651.
Atomizing nozzle technology (Japan patent no.
3410385) for the spinner table yields extremely
clean workpieces after processing.
An ionizer prevents electrostatic build up during
workpiece transport.
Specifications
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration
rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be
between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1
).
• The machines should be used in an environment, free from external vibration. Do not install
machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor
with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
DFD6450 Operation flow
[1]
Lower arm moves the workpiece from the cassette to the pre-
alignment stage. Lower arm moves the workpiece to the chuck table
cutting
[2]
Upper arm moves the workpiece to the spinner table cleaning and
drying table cutting
[3]
Lower arm returns the workpiece to the cassette
Unit
1.0kW
2.2 kW
mm
Cutting range
mm
Cutting speed
mm/sec
Cutting range
mm
Index step
mm
Index positioning
accuracy
mm
Cutting range
mm
Index step
mm
Index positioning
accuracy
mm
Max. stroke
mm
Moving resolution
mm
Repeatability
accuracy
mm
θ-axis Max. rotating angle
deg
Rated output
kW
1.0
2.2
Rated torque
N・m
0.16,
0.24(higher torque)
0.7
Revolution speed
range
min
-1
6,000-60,000、
3,000-40,000
(higher torque)
3,000 -
30,000
mm
kg
Z-axis
380
Spindle
Machine
dimensions(W×D×H)
1,120 x 1,500 x 1,600
Approx. 1,400
Y2-axis
0.002/30
250
0.0001
0.001
0.003/250
(Single error) 0.002/5
35.2
0.00005
Y1-axis
Machine weight
0.0001
30
Specification
φ
8″
X-axis
250
0.1 - 600
Workpiece size



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com