Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFG8640 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFG8640
Description  Fully Automatic Grinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFG8640 Datasheet(HTML) 1 Page - DISCO Corporation

  DFG8640 Datasheet HTML 1Page - DISCO Corporation DFG8640 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFG8640
Fully Automatic Grinder
Pursuing high-precision grinding of various workpieces
Achieves high-precision grinding
High-precision grinding has been required for power devices and some
sensors because thickness variations between wafers and within one
wafer after grinding have an impact on product characteristics. The
DFG8640 achieves high-precision grinding through the optimization of the
processing point layout and installation of various mechanisms.
Available for various workpieces up to ø8 inches
DFG8640 is a fully automatic grinder installed with two spindles, three
chuck tables, and one turntable. This equipment supports various
workpieces up to ø8 inches, including Si (silicon), LiTaO3 (LT/lithium
tantalate), LiNbO3 (LN/lithium niobate), and SiC (silicon carbide).
Mechanisms for high-precision grinding
A spindle axis with high rigidity, low vibration, and less rotation speed fluctuation was
developed to achieve high-precision and high-quality processing. For the chuck table
axis, an air bearing unit with high rigidity, low vibration, low heat expansion, and less
rotation speed fluctuation has been installed.
Improved usability
The new GUI (graphical user interface), which enables intuitive operations such as
tapping and swiping in the same manner as smartphones and tablet devices, offers
quick operation from one screen to the target screen without going through other
screens.
Improved space productivity
The footprint is approx. 13% smaller than DFG8540. In addition, more than 1.2 times
as many wafers as DFG8540 can be transferred by reducing the cleaning mechanism
operation time and redesigning the transferring arm.
DFG8640
New GUI top screen
1,000 mm (W)
2,800 mm (D)
DFG8540
1,200 mm (W)
2,670 mm (D)
DFG8640


Similar Part No. - DFG8640

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFG8340 DISCO-DFG8340 Datasheet
350Kb / 2P
Fully Automatic In-Feed SurfaceGrinder
DFG8540 DISCO-DFG8540 Datasheet
417Kb / 2P
Fully Automatic In-Feed Surface Grinder
DFG8830 DISCO-DFG8830 Datasheet
376Kb / 2P
Fully Automatic Grinder
More results

Similar Description - DFG8640

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAG810 DISCO-DAG810 Datasheet
438Kb / 2P
Automatic Surface Grinder
DDS2310 DISCO-DDS2310 Datasheet
432Kb / 2P
Fully Automatic Die Separator
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFG8540 DISCO-DFG8540 Datasheet
417Kb / 2P
Fully Automatic In-Feed Surface Grinder
DFG8830 DISCO-DFG8830 Datasheet
376Kb / 2P
Fully Automatic Grinder
DFP8140 DISCO-DFP8140 Datasheet
349Kb / 2P
Fully Automatic Polisher
DFP8141 DISCO-DFP8141 Datasheet
403Kb / 2P
Fully Automatic Polisher
DGP8761 DISCO-DGP8761 Datasheet
392Kb / 2P
Fully Automatic Grinder/Polisher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com