Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5510P Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FA5510P
Description  CMOS IC For Switching Power Supply Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA5510P Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FA5510P Datasheet HTML 14Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 15Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 16Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 17Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 18Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 19Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 20Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 21Page - List of Unclassifed Manufacturers FA5510P Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
FA551X
21
■ Application circuit
FA5510
FA5511
R102
R101
R102
C114
C103
F1
C104
L2
C105
D2
T1
D201
L201
C201
C204
R207
PC1
R206
R205
IC2
C202
R202
R201
R203
D4
C106
R107
IC1
C109
C110
R106
Q1
R112
R109
R119
250V/5A
510K
510K
0.47
µF 4700p
4700p
200V/1000
µF
ERA22-10
2SK1938
33k
Ω
10
Ω
680
Ω
0.22
µF
0.22
µF
33
Ω
0.05
Ω
47
µF
ERA91-02
ESAD92M-02
1000pF
150
µH
2200
µF
0.1
µF
0.022
µF
2.4k
Ω
1k
Ω
10k
Ω 0.1µF
2.2k
Ω
1k
Ω
18k
Ω
C203
FA5510
FG
80 to
144V AC
+24V
0 to 8.4A
GND
PC2
D4
2.2
Ω
R210
100
Ω
C207
R209
470
Ω
R208
1k
Ω
ZD201
27V
TH1
8D11
TH2
8D11
D1
D3SBA60
C102
0.22
µF
R103
R104
100k
Ω
100k
Ω
C205
1000pF
C206
0.1
µF
PC2
R102
R101
R102
C101 C103
F1
C104
L1
C102
DB
TH1
C105
ZD1
T1
C113
D201
L201
C202
C204
R207
PC1
R206
R205
IC2
C203
R202
R201
R203
D4
C106
R107
IC1
C109
C110
5D11
D2
Q1
R112
R109
R108
R103
R104
250V/3A
430K
510K
0.22
µF470p
470p
0.22
µF
D3SBA60
130k
Ω
130k
Ω
400V/220
µF
180V
ERA22-10
2SK2101
100
Ω
10
Ω
680
Ω
0.22
µF
0.22
µF
0.1
Ω
10
µF
ERA91-02
2200p
YG902C
2200
µF
10
µH
470
µF
0.022
µF
2.4k
Ω
1k
Ω
33k
Ω
0.1
µF
2.2k
Ω
1k
Ω
18k
Ω
C201
FA5511
FG
80 to
264V AC
+24V
0 to 1.46A
(Peak:2.71A)
GND
R106
24
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com