Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFP8140 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFP8140
Description  Fully Automatic Polisher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFP8140 Datasheet(HTML) 2 Page - DISCO Corporation

  DFP8140 Datasheet HTML 1Page - DISCO Corporation DFP8140 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fully Automatic Polisher
DFP8140/8160
Specifications
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1 ppm Wt/Wt. Filtration rating: 0.01 μm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep grinding water + 0 - 2 ℃ above room temperature (fluctuations within 1℃ over one hour) and cooling water between 20 ℃- 25 ℃ (fluctuations within 2℃ over one hour).
• Keep spindle cooling water temperature between 20 - 25 ℃ (fluctuations within 2 ℃ over an hour).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using gauge pressure.
* The above specifications may change due to technical modifications. Please confirm when placing your order.
* For further information please contact your local sales representatives.
2014.11
www.disco.co.jp
Unit
DFP8140
DFP8160
mm
φ 4"/5"/6"/8"
Select one size
φ 200/φ 300
Select one size
-
mm
φ 300
φ 450
-
-
min
-1
-
Output
kW
4.8
7.5
Revolution
speed range
min
-1
1,000 - 4,000
1,000 - 3,000
-
-
mm
1,200×2,670×1,800
1,400×3,322×1,800
kg
Approx.1,900
Approx.2,400
Spinner unit
2-stream jet nozzle cleaning
& both side drying
Machine weight
Machine dimensions
(W×D×H)
Specification
Anomalous In-feed grinding with wafer
rotation
Dry Polishing Wheel
Chuck table type
Water & air thrust up, Leveling stone and
brush cleaning
Chuck table cleaning
Polishing Method
Wafer Diameter
Thin force sensor
Porous chuck table
Chuck-method
Internal load sensor
Spindle
Vacuum
Number of revolutions
0 - 300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com