Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGP8761 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DGP8761
Description  Fully Automatic Grinder/Polisher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DGP8761 Datasheet(HTML) 2 Page - DISCO Corporation

  DGP8761 Datasheet HTML 1Page - DISCO Corporation DGP8761 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fully Automatic Grinder/Polisher
DGP8761
Specifications
DGP8761 Operation flow
[1] The robot pick removes a wafer from the cassette and places it on the
positioning table, where centering takes place.
[2] The T1 arm places the wafer on the chuck table.
[3] The wafer proceeds to Z1 for rough grinding.
[4] The wafer proceeds to Z2 for fine grinding.
[5] The wafer proceeds to Z3 for dry polishing (or ultra high-mesh wheel grinding).
[6] [7] The T2 arm removes the wafer from the chuck table and places it on the
spinner table, where cleaning and drying take place.
[8] Transfer to the mounter (DFM2700, DFM2800) or the robot pick returns the
workpiece to the cassette.
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1 ppm. Filtration rating: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Use grinding water and cleaning water at room temperature +0 - 2 ℃ (fluctuation range: within 2 ℃ in one hour). For cooling water, use water controlled at 1 ℃ in relation to the grinding water.
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications .Please confirm when placing your order.
* For further information, please contact your local sales representative.
www.disco.co.jp
2017.12
Unit
mm
φ 300 (φ 200/φ 300)
-
In-feed grinding
with wafer rotation
-
Anomalous in-feed grinding
with wafer rotation
-
φ 300 Diamond wheel (grinding-axis)
φ 450 Dry polishing pad (DP-axis)
φ 450 CMP pad (CMP-axis)
Thickness
variation
within one
wafer
µm
φ 300mm,
Less than 2.5
(grinding + DP 2
μm removal)
Less than 2.5
(Z1・Z2-axis grinding only)
Thickness
variation
between
wafers
µm
φ 300mm,
Less than ±2.5
(grinding + DP 2
μm removal)
Less than ±2.5
(Z1・Z2-axes grinding only)
Note: When NCG is used: less than ±1.5
Finished
surface
roughness
µm
300mm,
Ra is less than 0.005
(grinding + DP 2
μm removal)
For Z1・Z2-axes grinding only,
Ry is about 0.13 (for # 2000 finishing)
mm
1,690 × 3,315 × 1,800
kg
Approx. 6,700(DP・Poligrind)
Approx. 6,900 (CMP)
Specification
Wafer Diameter
Grinding Method
(Z1 / Z2 axis)
Machine weight
Grinding
Accuracy
Machine dimensions
(W×D×H)
BG
Grinding Method
(Z3 axis)
Grinding Wheels



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com