Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4924MM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4924MM
Description  2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4924MM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4924MM Datasheet HTML 4Page - National Semiconductor (TI) LM4924MM Datasheet HTML 5Page - National Semiconductor (TI) LM4924MM Datasheet HTML 6Page - National Semiconductor (TI) LM4924MM Datasheet HTML 7Page - National Semiconductor (TI) LM4924MM Datasheet HTML 8Page - National Semiconductor (TI) LM4924MM Datasheet HTML 9Page - National Semiconductor (TI) LM4924MM Datasheet HTML 10Page - National Semiconductor (TI) LM4924MM Datasheet HTML 11Page - National Semiconductor (TI) LM4924MM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics (Continued)
Channel Sepration
R
L =16
Ω
Output Power vs Load Resistance
f = 1kHz. from top to bottom:
V
DD = 3.0V, 10%THD+N; VDD = 3.0V, 1%THD+N
V
DD = 1.8V, 10%THD+N; VDD = 1.8V, 1%THD+N
20121008
20121021
Output Power vs Supply Voltage
R
L =16
Ω, from top to bottom:
THD+N = 10%; THD+N = 1%
Output Power vs Supply Voltage
R
L =32
Ω, from top to bottom:
THD+N = 10%; THD+N = 1%
20121022
20121023
Power Dissipation vs Output Power
V
DD = 1.8V, f = 1kHz, from top to bottom:
R
L =16
Ω;R
L =32
Ω
Power Dissipation vs Output Power
V
DD = 3.0V, f = 1kHz, from top to bottom:
R
L =16
Ω;R
L =32
Ω
20121024
20121025
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com