Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM80C50 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM80C50
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C50 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM80C50 Datasheet HTML 1Page - OKI electronic componets MSM80C50 Datasheet HTML 2Page - OKI electronic componets MSM80C50 Datasheet HTML 3Page - OKI electronic componets MSM80C50 Datasheet HTML 4Page - OKI electronic componets MSM80C50 Datasheet HTML 5Page - OKI electronic componets MSM80C50 Datasheet HTML 6Page - OKI electronic componets MSM80C50 Datasheet HTML 7Page - OKI electronic componets MSM80C50 Datasheet HTML 8Page - OKI electronic componets MSM80C50 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
¡ Semiconductor
MSM80C48/49/50
MSM80C35/39/40
CMOS 8-Bit Microcontroller
GENERAL DESCRIPTION
The OKI MSM80C48/MSM80C49/MSM80C50 are 8-bit, low-power, high-performance micro-
controllers implemented in silicon-gate complementary metal-oxide semiconductor technology.
Integrated within these chips are 8K/16K/32K bits of mask program ROM, 512/1024/2048 bits
of data RAM, 27 I/O lines, built-in 8 bit timer/counter, and oscillator. Program memory and data
paths are byte wide. Eleven new instructions have been added to the NMOS version's instruction
set, thereby optimizing power down, port data transfer, decrement and port float functions.
Available in 40-pin plastic DIP (RS) or 44-pin plastic flat packages QFP (GSK).
FEATURES
• Lower power consumption enabled by CMOS silicon gate process
• Completely static operation
• Improved power-down feature
• Instruction cycle
: 1.36 ms (11 MHz) VCC=4.5 to 6.0 V (MSM80C48/49)
2.5 ms (6 MHz) VCC=3.5 to 6.0 V (MSM80C50)
• 111 instructions
• All instructions are usable even during execution of external ROM instructions.
• Operation facility
Addition, logical operations, and decimal adjust
• Program memory (ROM)
: 1K words ¥ 8 bits (MSM80C48)
: 2K words ¥ 8 bits (MSM80C49)
: 4K words ¥ 8 bits (MSM80C50)
• Data memory (RAM)
: 64 words ¥ 8 bits (MSM80C48)
: 128 words ¥ 8 bits (MSM80C49)
: 256 words ¥ 8 bits (MSM80C50)
• Two sets of working registers
• External and timer interrupts
• Two test inputs
• Built-in 8-bit timer counter
• Extendable external memory and I/O ports
• I/O port
Input-output port
: 2 ports ¥ 8 bits
Data bus input-output port
: 1 port ¥ 8 bits
• Single-step execution function
• Wide range of operating voltage, from + 2.5 V to + 6 V of VCC
• High noise margin action
• Compatible with Intel's 8048, 8049 and 8050
• Package
40-pin plastic DIP (DIP40-P-600-2.54)
:
(MSM80C48-¥¥¥RS)
(MSM80C49-¥¥¥RS)
(MSM80C50-¥¥¥RS)
(MSM80C35RS)
(MSM80C39RS)
(MSM80C40RS)
44-pin plastic QFP(QFP44-P-910-0.80-2K) :
(MSM80C48-¥¥¥GS-2K)
(MSM80C49-¥¥¥GS-2K)
(MSM80C50-¥¥¥GS-2K)
(MSM80C35GS-2K)
(MSM80C39GS-2K)
(MSM80C40GS-2K)
¥¥¥ indicates the code number.
E2E1022-27-Y4
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM80C50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C51F OKI-MSM80C51F Datasheet
355Kb / 39P
CMOS 8-Bit Microcontroller
More results

Similar Description - MSM80C50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
19-Jul-2000
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
17-Jun-2003
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
11-Sep-2002
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com