Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XYZAXAXCEL Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXAXCEL
Description  High speed, high accuracy and high resistance to environment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXAXCEL Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  XYZAXAXCEL Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXAXCEL Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TOKYO SEIMITSU
■Enhanced resistance to environment
Temperature to guarantee accuracy: 15 to 30℃ .
An accordion cover protects the X-axis guide and a new design cover is
provided to the Y-axis carriage. This structure prevents deformation of the
guide and carriage due to temperature changes, increasing resistance to
environment (XYZAX AXCEL RDS standard).
■Equipped with 2-axis rotating head RDS
and scanning probe
VAST XXT
2-axis rotating head RDS rotates ±180 ゚ horizontally or vertically at a pitch of 5.0゚,
enabling 5,184 positioning patterns at maximum. By combining with scanning
probe VAST XXT, XYZAX AXCEL can perform high accuracy oscillating scanning
measurement at many different angles. Non-contact type line laser sensor
LineScan 2 is also available (optional). It is useful when you want to shorten
lead time of profile by surface measurement or conduct reverse engineering
by obtaining mass point group data.
LineScan2 Specification
LineScan 2-25
LineScan 2-50
LineScan 2-100
Z measuring range
(mm)
25
50
100
Work distance
(mm)
63
94
220
Measuring width(center
of measuring range) (mm)
25
50
80
Maximum obtaining
points
700,000 points/second 250,000 points/second 700,000 points/second
MPEPF(ISO10360-8:2013)(µm)
12
20
50
Accuracy(1 σ)
(µm)
4
5
12
B-81-910-E-1706
ISO
9001 and ISO 14001 awarded to the Hachioji and Tsuchiura Plants
We reserve the right to change the contents of this catalog,
including product specifications, without notice when products are updated.
Pictures on this brochure include various optional accessories.
http://www .accr etech.jp/
Some of our products shall be controlled by the Foreign Exchange and Foreign Trade Act,
and required an export license by the Japanese Government.
Regarding exporting the products and/or providing a non-resident with technologies,
please consult ACCRETECH(Tokyo Seimitsu).
Head Office
2968-2, Ishikawa-machi, Hachioji-shi,
Tokyo 192-0032, Japan
TEL: +81(0)42-642-1701
FAX: +81(0)42-642-1821
International Sales and Marketing
4, Higashi-Nakanuki-machi,Tsuchiura-shi,
Ibaraki 300-0006, Japan
TEL: +81(0)29-831-1240
FAX: +81(0)29-831-1461
X-axis guide accordion cover
RDS + VAST XXT
RDS + LineScan2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com